Part Number Hot Search : 
T3043 815SR 4D181M 1N4474TR HVD374B RZ1100 3XB105M 10030
Product Description
Full Text Search
 

To Download EPC3173G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Flyback Transformer
ELECTRONICS INC.
EPC3173G
* Used in Flyback Topology Converter * Bobbin : UL94V-0 Recognized Materials * UL 1446 Class B Insulation System * Gapped Transformer
Electrical Parameters @ 25 C
Inductance (H 10%) @ 100 KHz, 0.1 Vrms 29 Pins 1-2 .054 Pins 1-2 .193 Pins 5-6 .071 Pins 12-11 .545 Pins 10-9 .071 Pins 8-7 2.59:1 Pins 10-9:1-2 .136:1 Pins 12-11:1-2 .41:1 Pins 5-6:1-2 .136:1 Pins 8-7:1-2 DCR ( Typ.) Turns Ratio Leakage Inductance (H Typ.) @ 100 KHz, 0.1 Vrms .30 Pins 1-2 All other wdg's shorted 1000 Wdg's to Wdg's Dielectric Rating (Vac)
Schematic
12 5V (.04A) 11 10 95V (.5A) 9 8 5V (.05A) 7 Pins 3 & 4 Not Connected
1 40-56V 2 5 Bias (15V) 6
Package
Pin 1 I.D.
1
.854 Max. (21.70)
12 PCA EPC3173G D.C.
.028 (.700)
.118 .591 (3.00) (15.00)
6
.835 Max. (21.20)
7
0-8
.016 (.400)
.425 Max. (10.80)
.080 (2.03) 1.128 (28.65)
.010 (.250)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3173G Rev. 3 2/25/04 FT
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3173G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X